Part Number Hot Search : 
SMAJ170 M63815FP 2SK210 MAX3221 MNR4G MBZ52 3KP100A SMAJ170
Product Description
Full Text Search
 

To Download SI4435DY-REVA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  si4435dy vishay siliconix document number: 70149 s-49534erev. f, 06-oct-97 www.vishay.com  faxback 408-970-5600 2-1 p-channel 30-v (d-s) mosfet 
   v ds (v) r ds(on) (  ) i d (a) 30 0.02 @ v gs = 10 v  8.0 30 0.035 @ v gs = 4.5 v  6.0 sd s d sd g d so-8 5 6 7 8 top view 2 3 4 1 sss g d d d d p-channel mosfet             
 parameter symbol limit unit drain-source voltage v ds 30 v gate-source voltage v gs  20 v continuous drain current (t j = 150  c) a t a = 25  c i d  8.0 a continuous drain current (t j = 150  c) a t a = 70  c i d  6.4 a pulsed drain current i dm  50 a continuous source current (diode conduction) a i s 2.1 maximum power dissipation a t a = 25  c p d 2.5 w maximum power dissipation a t a = 70  c p d 1.6 w operating junction and storage temperature range t j , t stg 55 to 150  c       parameter symbol limit unit maximum junction-to-ambient a r thja 50  c/w notes a. surface mounted on fr4 board, t  10 sec. for spice model information via the worldwide web: http://www.vishay.com/www/product/spice.htm
si4435dy vishay siliconix www.vishay.com  faxback 408-970-5600 2-2 document number: 70149 s-49534erev. f, 06-oct-97 
        
 
 

  parameter symbol test condition min typ a max unit static gate threshold voltage v gs(th) v ds = v gs , i d = 250  a 1.0 v gate-body leakage i gss v ds = 0 v, v gs =  20 v  100 na zero gate voltage drain current i dss v ds = 30 v, v gs = 0 v 1  a zero gate v oltage drain current i dss v ds = 15 v, v gs = 0 v, t j = 70  c 5  a on - state drain current b i d(on) v ds  5 v, v gs = 10 v 40 a on - state drain current b i d(on) v ds  5 v, v gs = 4.5 v 10 a drain - source on - state resistance b r ds(on) v gs = 10 v, i d = 8.0 a 0.015 0.02  drain - source on - state resistance b r ds(on) v gs = 4.5 v, i d = 5.0 a 0.022 0.035  forward transconductance b g fs v ds = 15 v, i d = 8.0 a 20 s diode forward voltage b v sd i s = 2.1 a, v gs = 0 v 0.75 1.2 v dynamic a total gate charge q g v15vv10vi46a 47 60 c gate-source charge q gs v ds = 15 v, v gs = 10 v, i d = 4.6 a 9.5 nc gate-drain charge q gd 8 turn-on delay time t d(on) v15vr15  16 30 rise time t r v dd = 15 v, r l = 15  i 1 a v 10 v r 6  17 30 turn-off delay time t d(off) dd , l i d  1 a, v gen = 10 v, r g = 6  75 120 ns fall time t f 31 80 source-drain reverse recovery time t rr i f = 2.1 a, di/dt = 100 a/  s 40 80 notes a. guaranteed by design, not subject to production testing. values shown are for product revision a. b. pulse test; pulse width  300  s, duty cycle  2%.
si4435dy vishay siliconix document number: 70149 s-49534erev. f, 06-oct-97 www.vishay.com  faxback 408-970-5600 2-3    
     
       
 
 0 10 20 30 40 50 0123456 0 900 1800 2700 3600 4500 0 6 12 18 24 30 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 50 25 0 25 50 75 100 125 150 0 10 20 30 40 50 0246810 0 2 4 6 8 10 0 1020304050 0 0.025 0.050 0.075 0.100 0.125 0.150 0 1020304050 output characteristics transfer characteristics gate charge on-resistance vs. drain current v ds drain-to-source voltage (v) drain current (a) i d v gs = 10 thru 5 v 3 v 4 v v gs gate-to-source voltage (v) drain current (a) i d gate-to-source voltage (v) q g total gate charge (nc) v ds drain-to-source voltage (v) c capacitance (pf) v gs c rss c oss c iss v ds = 15 v i d = 4.6 a on-resistance ( r ds(on) w ) i d drain current (a) capacitance on-resistance vs. junction temperature v gs = 10 v i d = 8.0 a t j junction temperature (  c) (normalized) on-resistance ( r ds(on) w ) v gs = 10 v v gs = 4.5 v 25 c t c = -55 c 125 c
si4435dy vishay siliconix www.vishay.com  faxback 408-970-5600 2-4 document number: 70149 s-49534erev. f, 06-oct-97    
     
       
 
 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 normalized thermal transient impedance, junction-to-ambient square wave pulse duration (sec) 2 1 0.1 0.01 10 4 10 3 10 2 10 1 110 normalized effective transient thermal impedance 30 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 1. duty cycle, d = 2. per unit base = r thja = 50  c/w 3. t jm t a = p dm z thja (t) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm power (w) 0 20 40 60 80 0.01 0.10 1.00 10.00 single pulse power 0.6 0.4 0.2 0.0 0.2 0.4 0.6 0.8 50 25 0 25 50 75 100 125 150 0 0.02 0.04 0.06 0.08 0.10 0246810 source-drain diode forward voltage on-resistance vs. gate-to-source voltage threshold voltage on-resistance ( r ds(on) w ) v sd source-to-drain voltage (v) v gs gate-to-source voltage (v) source current (a) i s t j temperature (  c) variance (v) v gs(th) t j = 150  c t j = 25  c i d = 8.0 a i d = 250 m a 30 10 1 time (sec)


▲Up To Search▲   

 
Price & Availability of SI4435DY-REVA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X